| データシートサーチシステム |
|
TC7109CLW データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7109CLW データシート(HTML) 18 Page - Microchip Technology |
|
18 / 32 page ![]() TC7109/A DS21456D-page 18 2002-2012 Microchip Technology Inc. FIGURE 4-2: Three-Stating Several TC7109As to a Small Bus FIGURE 4-3: Full Time Parallel Interface to PD8748H/494 Microcontrollers TC7109A MODE CE/LOAD B9 - B12 POL, OR B1 - B8 LBEN HBEN GND 8 Analog In 6 RUN/HOLD +5V Converter Select Converter Select Converter Select TC7109A MODE CE/LOAD B9 - B12 POL, OR B1 - B8 LBEN HBEN GND 8 Analog In 6 RUN/HOLD +5V TC7109A MODE CE/LOAD B9 - B12 POL, OR B1 - B8 LBEN HBEN GND 8 Analog In 6 RUN/HOLD +5V Byte Select Flags TC7109A MODE CE/LOAD B9 - B12 POL, OR B1 - B8 STATUS RUN/HOLD LBEN HBEN GND GND 8 6 See Text μPD8255A (Mode 0) RD WR D7 - D0 A0 - A1 CS PA5 - PA0 PB7 - PB0 PC5 μPD8748H/49H Data Bus Control Bus Address Bus Analog In +5V |