| データシートサーチシステム |
|
TC7650CPD データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7650CPD データシート(HTML) 2 Page - Microchip Technology |
|
2 / 14 page ![]() TC7650 DS21463C-page 2 2001-2012 Microchip Technology Inc. General Description The TC7650 CMOS chopper stabilized operational amplifier practically removes offset voltage error terms from system error calculations. The 5 V maximum V OS specification, for example, represents a 15 times improvement over the industry standard OP07E. The 50nV/°C offset drift specification is over 25 times lower than the OP07E. The increased performance elimi- nates VOS trim procedures, periodic potentiometer adjustment and the reliability problems caused by dam- aged trimmers. The TC7650 performance advantages are achieved without the additional manufacturing complexity and cost incurred with laser or "zener zap" VOS trim tech- niques. The TC7650 nulling scheme corrects both DC VOS errors and VOS drift errors with temperature. A nulling amplifier alternately corrects its own VOS errors and the main amplifier VOS error. Offset nulling voltages are stored on two user supplied external capacitors. The capacitors connect to the internal amplifier VOS null points. The main amplifier input signal is never switched. Switching spikes are not present at the TC7650 output. The 14-pin dual-in-line package (DIP) has an external oscillator input to drive the nulling circuitry for optimum noise performance. Both the 8 and 14-pin DIPs have an output voltage clamp circuit to minimize overload recovery time. Functional Block Diagram TC7650 Null NULL Inputs Output Clamp Output B B A CA CB For 8-Pin DIP, connect to Vss Null Amplifier Main Amplifier Output Clamp Circuit Intermod Compensation Oscillator AB INT/EXT EXT CLK IN CLK OUT 14-Pin DIP Only BA *CRETN * |