| データシートサーチシステム |
|
TC7662ACPA データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7662ACPA データシート(HTML) 9 Page - Microchip Technology |
|
9 / 16 page ![]() 2001-2012 Microchip Technology Inc. DS21468B-page 9 TC7662A 5.0 TYPICAL CHARACTERISTICS Circuit of Figure 3-1, CP = CR = 10F, CESRCP CESRCR 1, TA = 25°C unless otherwise noted. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 700 600 500 400 300 200 100 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( °C) VDD = 15V VDD = 5V 0 Supply Current vs. Temperature 20 18 16 14 12 10 8 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( °C) 6 Frequency vs. Temperature 100 LOAD CURRENT (mA) Power Conversion Efficiency vs. ILOAD 16 32 48 64 80 80 60 40 20 90 70 50 30 10 824 40 56 72 0 150 120 90 60 30 135 105 75 45 15 0 Efficiency Supply Current 110 TA = +25°C 165 1k 100 1 10 100 1000 10,000 CAPACITANCE (pF) 10 Oscillator Frequency vs. COSC 10k TA T = +25 °C 160 140 120 100 80 60 40 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE ( °C) VDD = 15V, IL = 20mA Output Resistance vs. Temperature 20 VDD = 5V, IL = 3mA 100 INPUT VOLTAGE (V) Output Resistance vs. Input Voltage 4 8 12 16 20 80 60 40 20 90 70 50 30 10 2 6 10 14 18 0 110 IL = 20mA TA = +25°C |