| データシートサーチシステム |
|
082-6098-RFX データシート(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
082-6098-RFX データシート(HTML) 2 Page - Amphenol Corporation |
|
2 / 9 page ![]() 144 Amphenol® RF: 800-627-7100 144 Amphenol® RF: 800-627-7100 Type N Type N Type N Connectors Description Named after Paul Neill of Bell Labs after being developed in the 1940’s, the Type N offered the first true microwave performance. The Type N connector was developed to satisfy the need for a durable, weatherproof, medium-size RF connector with consistent performance through 18 GHz. There are two families of Type N connectors: Standard N (coaxial cable) and Corru- gated N (helical and annular cable). Their primary applications are the termination of medium to miniature size coaxial cable, including RG-8, RG-58, RG-141, and RG-225. Features/Benefits •Accommodatesawiderangeofmediumtominiature-sizedRGcoaxialcables in a rugged medium-sized design. •Meetsmanycustomerapplicationdemandswithplugstylesavailablein straight and right angle and jack styles available in panel mount, bulkhead mount, and receptacle. Applications •Antennas •BaseStations •Broadcast •Instrumentation •MicrowaveRadio •Mil-Aero •PCS •Radar •Radios •SatelliteCommunications •SurgeProtection •WLAN |