| データシートサーチシステム |
|
082-6097-RFX データシート(PDF) 6 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
082-6097-RFX データシート(HTML) 6 Page - Amphenol Corporation |
|
6 / 9 page ![]() 148 Amphenol® RF: 800-627-7100 Type N Type N Panel Jacks: 4-Hole Flange Cable Plating Termination Group Part Number Body Contact Body Contact C1 082-5372 Nickel Gold Crimp Crimp G4 082-62 Nickel Silver Clamp Solder L 082-6099-RFX Nickel Gold Solder Crimp L2 082-6098-RFX Nickel Gold Solder Crimp L3 082-6163 Nickel Gold Solder Solder Bulkhead Jacks Cable Plating Termination Group Part Number Body Contact Body Contact B 082-5933 Nickel Gold Crimp Solder B 082-6096-RFX Nickel Gold Solder Solder B 082-6093-RFX Nickel Gold Crimp Crimp C 082-5378 Nickel Gold Crimp Crimp C 082-5378-RFX Nickel Gold Crimp Crimp C1 082-5373 Nickel Gold Crimp Crimp G2 082-6151-RFX Nickel Gold Crimp Crimp G3 082-6143-1000 Silver Gold Crimp Crimp G4 082-346-RFX Nickel Gold Crimp Crimp K 082-5994 Silver Gold Crimp Solder L 082-6097-RFX Nickel Gold Solder Crimp L3 082-6162 Nickel Gold Solder Crimp Cable Connectors (continued) Straight Jacks Cable Plating Termination Group Part Number Body Contact Body Contact G4 082-63 Nickel Silver Clamp Solder G3 082-209-1006 Nickel Silver Clamp Solder C 082-5376-RFX Nickel Gold Crimp Crimp E 082-6092-RFX Nickel Gold Crimp Crimp G4 082-63-RFX Nickel Gold Clamp Solder G2 082-6158 Nickel Gold Crimp Crimp C1 000-35025-RFX Nickel Gold Clamp Solder E 000-36500-RFX Nickel Gold Clamp Solder G4 082-4429-RFX Nickel Gold Clamp Solder |