| データシートサーチシステム |
|
ADE7753ARSZRL データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7753ARSZRL データシート(HTML) 12 Page - Analog Devices |
|
12 / 60 page ![]() ADE7753 Rev. C | Page 12 of 60 FULL-SCALE CURRENT (%) 0.1 –0.5 –0.1 –0.2 –0.3 –0.4 0.2 0.1 0.5 0.4 0.3 0 1 10 100 02875-0-013 +85°C, PF = 0.5 +25°C, PF = 0.5 GAIN = 1 INTEGRATOR OFF EXTERNAL REFERENCE +25°C, PF = 0 –40°C, PF = 0.5 Figure 12. Reactive Energy Error as a Percentage of Reading (Gain = 1) over Power Factor with External Reference and Integrator Off FULL-SCALE CURRENT (%) 0.1 –0.20 –0.10 –0.05 –0.15 0.05 0.20 0.15 0.10 0 1 10 100 02875-0-014 +85°C, PF = 0 GAIN = 8 INTEGRATOR OFF INTERNAL REFERENCE –40°C, PF = 0 +25°C, PF = 0 Figure 13. Reactive Energy Error as a Percentage of Reading (Gain = 8) over Temperature with Internal Reference and Integrator Off FULL-SCALE CURRENT (%) 0.1 –0.3 –0.1 –0.2 0.1 0.3 0.2 0 1 10 100 GAIN = 8 INTEGRATOR OFF INTERNAL REFERENCE 02875-0-015 +25°C, PF = 0.5 +25°C, PF = 0 –40°C, PF = 0.5 +85°C, PF = 0.5 Figure 14. Reactive Energy Error as a Percentage of Reading (Gain = 8) over Power Factor with Internal Reference and Integrator Off FULL-SCALE CURRENT (%) 0.1 –0.35 –0.15 –0.05 –0.25 0.05 0.35 0.25 0.15 1 10 100 GAIN = 8 INTEGRATOR OFF EXTERNAL REFERENCE 02875-0-016 –40°C, PF = 0 +85°C, PF = 0 +25°C, PF = 0 Figure 15. Reactive Energy Error as a Percentage of Reading (Gain = 8) over Temperature with External Reference and Integrator Off FULL-SCALE CURRENT (%) 0.1 –0.5 –0.1 –0.2 –0.3 –0.4 0.2 0.1 0.5 0.4 0.3 0 1 10 100 02875-0-017 GAIN = 8 INTEGRATOR OFF EXTERNAL REFERENCE +25°C, PF = 0 +85°C, PF = 0.5 –40°C, PF = 0.5 +25°C, PF = 0.5 Figure 16. Reactive Energy Error as a Percentage of Reading (Gain = 8) over Power Factor with External Reference and Integrator Off FULL-SCALE CURRENT (%) 0.1 –0.3 –0.1 –0.2 0.1 0.3 0.2 0 1 10 100 GAIN = 8 INTEGRATOR OFF INTERNAL REFERENCE 5.25V 02875-0-018 4.75V 5.0V Figure 17. Active Energy Error as a Percentage of Reading (Gain = 8) over Power Supply with Internal Reference and Integrator Off |