データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24LC64 データシート(PDF) 37 Page - Microchip Technology

部品番号 24LC64
部品情報  64K I2C??Serial EEPROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64 データシート(HTML) 37 Page - Microchip Technology

Back Button 24LC64 Datasheet HTML 33Page - Microchip Technology 24LC64 Datasheet HTML 34Page - Microchip Technology 24LC64 Datasheet HTML 35Page - Microchip Technology 24LC64 Datasheet HTML 36Page - Microchip Technology 24LC64 Datasheet HTML 37Page - Microchip Technology 24LC64 Datasheet HTML 38Page - Microchip Technology 24LC64 Datasheet HTML 39Page - Microchip Technology 24LC64 Datasheet HTML 40Page - Microchip Technology 24LC64 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
 1997-2012 Microchip Technology Inc.
DS21189T-page 37
24AA64/24LC64/24FC64
APPENDIX A: REVISION HISTORY
Revision H (12/2003)
Corrections to Section 1.0, Electrical Characteristics.
Revision J (04/2005)
Added DFN package.
Revision K (08/2005)
Revised Sections 7.1 and 7.4.
Revision L (03/2007)
Added 24FC64 Part; Revised Device Selection Table;
Revised Features Section; Deleted Rotated TSSOP
Package; Revised Table 1-2; Revised Table 7-1;
Revised Package Information; Replaced Package
Drawings; Revised Product ID Section.
Revision M (01/2009)
Updated package drawings. Added 8-lead TDFN and
5-lead SOT-23 packages.
Revision N (03/2009)
Added 5-lead Chip Scale package.
Revision P (03/2009)
Added 5-lead Chip Scale Package Diagram and Land
Pattern. Revised Block Diagram.
Revision Q (06/09)
Revised Features section; Revised Table 1-2, Para. 18;
Added note to Table 2-1; Revised SOT-23 package
example.
Revision R (03/2010)
Added TSSOP X-Rotated package; Updated Package
Drawings; Updated Product ID.
Revision S (01/2012)
Updated Package Drawings: Updated Product ID.
Revision T (12/2012)
Revised Automotive E-temp; Product ID System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44