| データシートサーチシステム |
|
dsPIC33FJ64GS406 データシート(PDF) 285 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 データシート(HTML) 285 Page - Microchip Technology |
|
285 / 456 page ![]() 2009-2012 Microchip Technology Inc. DS70591E-page 285 dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 REGISTER 21-2: CxCTRL2: ECANx CONTROL REGISTER 2 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 R-0 R-0 R-0 R-0 R-0 — — — DNCNT<4:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-5 Unimplemented: Read as ‘0’ bit 4-0 DNCNT<4:0>: DeviceNet™ Filter Bit Number bits 10010-11111 = Invalid selection 10001 = Compares up to Data Byte 3, bit 6 with EID<17> • • • 00001 = Compares up to Data Byte 1, bit 7 with EID<0> 00000 = Does not compare data bytes |