| データシートサーチシステム |
|
dsPIC33FJ64GS406 データシート(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 データシート(HTML) 91 Page - Microchip Technology |
|
91 / 456 page ![]() TABLE 4-40: ANALOG COMPARATOR CONTROL REGISTER MAP TABLE 4-41: PORTA REGISTER MAP FOR dsPIC33FJ32GS610 AND dsPIC33FJ64GS610 DEVICES TABLE 4-42: PORTA REGISTER MAP FOR dsPIC33FJ32GS608 AND dsPIC33FJ64GS608 DEVICES File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets CMPCON1 0540 CMPON —CMPSIDL — — — — DACOE INSEL<1:0> EXTREF —CMPSTAT — CMPPOL RANGE 0000 CMPDAC1 0542 — — - — — —CMREF<9:0> 0000 CMPCON2 0544 CMPON —CMPSIDL — — — — DACOE INSEL<1:0> EXTREF —CMPSTAT — CMPPOL RANGE 0000 CMPDAC2 0546 — — - — — —CMREF<9:0> 0000 CMPCON3 0548 CMPON —CMPSIDL — — — — DACOE INSEL<1:0> EXTREF —CMPSTAT — CMPPOL RANGE 0000 CMPDAC3 054A — — - — — —CMREF<9:0> 0000 CMPCON4 054C CMPON —CMPSIDL — — — — DACOE INSEL<1:0> EXTREF —CMPSTAT — CMPPOL RANGE 0000 CMPDAC4 054E — — — — — —CMREF<9:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISA 02C0 TRISA15 TRISA14 — — — TRISA10 TRISA9 — TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 C6FF PORTA 02C2 RA15 RA14 — — — RA10 RA9 — RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0 xxxx LATA 02C4 LATA15 LATA14 — — — LATA10 LATA9 — LATA7 LATA6 LATA5 LATA4 LATA3 LATA2 LATA1 LATA0 0000 ODCA 02C6 ODCA15 ODCA14 — — — ODCA10 ODCA9 — — — ODCA5 ODCA4 — — ODCA1 ODCA0 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISA 02C0 TRISA15 TRISA14 — — — TRISA10 TRISA9 — — — — — — — — — C600 PORTA 02C2 RA15 RA14 — — — RA10 RA9 — — — — — — — — — xxxx LATA 02C4 LATA15 LATA14 — — — LATA10 LATA9 — — — — — — — — — 0000 ODCA 02C6 ODCA15 ODCA14 — — — ODCA10 ODCA9 — — — — — — — — — 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |