| データシートサーチシステム |
|
PIC16F883-E/SO. データシート(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SO. データシート(HTML) 62 Page - Microchip Technology |
|
62 / 338 page ![]() PIC16F882/883/884/886/887 DS41291G-page 62 2006-2012 Microchip Technology Inc. 3.7.1 RE0/AN5(1) This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC 3.7.2 RE1/AN6(1) This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC 3.7.3 RE2/AN7(1) This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC FIGURE 3-21: BLOCK DIAGRAM OF RE<2:0> 3.7.4 RE3/MCLR/VPP Figure 3-22 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up FIGURE 3-22: BLOCK DIAGRAM OF RE3 Note 1: RE0/AN5 is available on PIC16F884/887 only. Note 1: RE1/AN6 is available on PIC16F884/887 only. Note 1: RE2/AN7 is available on PIC16F884/887 only. I/O Pin VDD VSS D Q CK Q D Q CK Q Analog(1) Input Mode Data Bus RD PORTE WR PORTE WR TRISE RD TRISE To A/D Converter Note 1: ANSEL determines Analog Input mode. Input VSS Data Bus RD PORTE Reset MCLRE RD TRISE VSS MCLRE VDD Weak MCLRE Pin |