| データシートサーチシステム |
|
PIC16F883-E/SO. データシート(PDF) 147 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SO. データシート(HTML) 147 Page - Microchip Technology |
|
147 / 338 page ![]() 2006-2012 Microchip Technology Inc. DS41291G-page 147 PIC16F882/883/884/886/887 FIGURE 11-15: PWM AUTO-SHUTDOWN WITH FIRMWARE RESTART (PRSEN = 0) 11.6.5 AUTO-RESTART MODE The Enhanced PWM can be configured to automati- cally restart the PWM signal once the auto-shutdown condition has been removed. Auto-restart is enabled by setting the PRSEN bit in the PWM1CON register. If auto-restart is enabled, the ECCPASE bit will remain set as long as the auto-shutdown condition is active. When the auto-shutdown condition is removed, the ECCPASE bit will be cleared via hardware and normal operation will resume. FIGURE 11-16: PWM AUTO-SHUTDOWN WITH AUTO-RESTART ENABLED (PRSEN = 1) Shutdown PWM ECCPASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes Start of PWM Period ECCPASE Cleared by Firmware PWM Period Shutdown PWM ECCPASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes PWM Period Start of PWM Period |