| データシートサーチシステム |
|
16F1933 データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1933 データシート(HTML) 7 Page - Microchip Technology |
|
7 / 464 page ![]() 2011-2012 Microchip Technology Inc. DS41575C-page 7 PIC16(L)F1933 1.0 DEVICE OVERVIEW The PIC16(L)F1933 are described within this data sheet. They are available in 28-pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1933 devices. Table 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral ADC ●● Capacitive Sensing Module ●● Digital-to-Analog Converter (DAC) ●● EUSART ●● Fixed Voltage Reference (FVR) ●● LCD ●● SR Latch ●● Temperature Indicator ●● Capture/Compare/PWM Modules ECCP1 ●● ECCP2 ●● ECCP3 ●● CCP4 ●● CCP5 ●● Comparators C1 ●● C2 ●● Master Synchronous Serial Ports MSSP1 ●● Timers Timer0 ●● Timer1 ●● Timer2 ●● Timer4 ●● Timer6 ●● |