データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RE46C144SW16F データシート(PDF) 2 Page - Microchip Technology

部品番号 RE46C144SW16F
部品情報  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C144SW16F データシート(HTML) 2 Page - Microchip Technology

  RE46C144SW16F Datasheet HTML 1Page - Microchip Technology RE46C144SW16F Datasheet HTML 2Page - Microchip Technology RE46C144SW16F Datasheet HTML 3Page - Microchip Technology RE46C144SW16F Datasheet HTML 4Page - Microchip Technology RE46C144SW16F Datasheet HTML 5Page - Microchip Technology RE46C144SW16F Datasheet HTML 6Page - Microchip Technology RE46C144SW16F Datasheet HTML 7Page - Microchip Technology RE46C144SW16F Datasheet HTML 8Page - Microchip Technology RE46C144SW16F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
RE46C144
DS22180C-page 2
 2009-2012 Microchip Technology Inc.
Functional Block Diagram
Typical Application
Logic and
Timing
Bias and
Power Reset
Oscillator
+
-
+
-
VDD (5)
VSEN (15)
C1 (1)
DETECT (3)
C2 (2)
TEST (16)
IO (7)
FEED (10)
HS (9)
LED (11)
IRED (6)
ROSC (13)
COSC (12)
HB (8)
+
-
PHOTOAMP
STROBE (4)
VSS (14)
VDD-3.5V
VDD-5V
Low Battery
Smoke Comparator
Horn Driver
Push-to-Test
C3
1 µF
C5
1.5nF
R12
10M
R9
100k
R13
330
D3
C6
1.0nF
R10
1.5M
R11
220k
R8
330
R7
22
C4
100 µF
D5
D6
R4
560
C2
4700 pF
C1
.047 µF
R1
4.7k
R2
5k
R3
8.2k
RADJ2
RADJ1
R6
1k
1
2
3
4
5
14
6
7
89
10
11
12
13
15
16
R5
250k
To Other Units
Q3
9v
Battery
Smoke Chamber
Note 1:
C3 should be located as close as possible to the device power pins.
2:
C3 is typical for an alkaline battery. This capacitance should be increased to 4.7 µF or greater for a carbon battery.
3:
R10, R11 and C6 are typical values and may be adjusted to maximize sound pressure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26