| データシートサーチシステム |
|
ADP160ACBZ-2.8-R7 データシート(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP160ACBZ-2.8-R7 データシート(HTML) 8 Page - Analog Devices |
|
8 / 24 page ![]() ADP160/ADP161/ADP162/ADP163 Data Sheet Rev. G | Page 8 of 24 TYPICAL PERFORMANCE CHARACTERISTICS VIN = 3.8 V, VOUT = 3.3 V, IOUT = 1 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted. 3.35 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 3.33 3.34 –40 –5 25 85 125 JUNCTION TEMPERATURE (°C) LOAD = 1µA LOAD = 100µA LOAD = 1mA LOAD = 10mA LOAD = 100mA LOAD = 150mA Figure 7. Output Voltage (VOUT) vs. Junction Temperature 3.35 3.25 3.27 3.29 3.31 3.33 3.26 3.28 3.30 3.32 3.34 0.001 0.01 1000 100 10 1 0.1 ILOAD (mA) Figure 8. Output Voltage (VOUT) vs. Load Current (ILOAD) 3.35 3.25 3.27 3.29 3.31 3.33 3.26 3.28 3.30 3.32 3.34 3.7 5.5 5.3 5.1 4.9 4.7 4.5 4.3 4.1 3.9 VIN (V) LOAD = 1µA LOAD = 100µA LOAD = 1mA LOAD = 10mA LOAD = 100mA LOAD = 150mA Figure 9. Output Voltage (VOUT) vs. Input Voltage (VIN) 100 0.1 1 10 –40 –5 25 85 125 JUNCTION TEMPERATURE (°C) LOAD = 1µA LOAD = 100µA LOAD = 1mA LOAD = 10mA LOAD = 100mA LOAD = 150mA NO LOAD Figure 10. Ground Current vs. Junction Temperature 100 0.1 1 10 0.001 0.01 1000 100 10 1 0.1 ILOAD (mA) Figure 11. Ground Current vs. Load Current (ILOAD) 100 0.1 1 10 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 VIN (V) LOAD = 1µA LOAD = 100µA LOAD = 1mA LOAD = 10mA LOAD = 100mA LOAD = 150mA NO LOAD Figure 12. Ground Current vs. Input Voltage (VIN) |