| データシートサーチシステム |
|
ADP162ACBZ-2.8-R7 データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP162ACBZ-2.8-R7 データシート(HTML) 11 Page - Analog Devices |
|
11 / 24 page ![]() Data Sheet ADP160/ADP161/ADP162/ADP163 Rev. G | Page 11 of 24 10 0.1 1 10 100k 10k 1k 100 FREQUENCY (Hz) VOUT = 1.2V VOUT = 3.3V VOUT = 2.5V Figure 25. Output Noise Spectral Density, VIN = 5 V, ILOAD = 10 mA, COUT = 1 µF CH1 100mA Ω CH2 200mV M200µs A CH1 62mA T 10.40% 1 2 T LOAD CURRENT VOUT Figure 26. Load Transient Response, CIN, COUT = 1 µF, ILOAD = 1 mA to 150 mA, 200 ns Rise Time, CH1 = Load Current, CH2 = VOUT CH1 20mA Ω CH2 5mV M200µs A CH1 24mA T 10.40% 1 2 T LOAD CURRENT VOUT Figure 27. Load Transient Response, CIN, COUT = 1 μF, ILOAD = 1 mA to 50 mA, 200 ns Rise Time, CH1 = Load Current, CH2 = VOUT CH1 1V Ω CH2 20mV M200µs A CH1 4.34V T 10.20% 1 2 T VIN VOUT Figure 28. Line Transient Response, VIN = 4 V to 5 V, CIN = COUT = 1 μF, ILOAD = 150 mA, CH1 = VIN, CH2 = VOUT CH1 1V Ω CH2 20mV M200µs A CH1 4.56V T 10.20% 1 2 T VIN VOUT Figure 29. Line Transient Response, VIN = 4 V to 5 V, CIN, = 1 μF, COUT = 10 μF, ILOAD = 150 mA, CH1 = VIN, CH2 = VOUT |