| データシートサーチシステム |
|
REF43GS-REEL データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF43GS-REEL データシート(HTML) 1 Page - Analog Devices |
|
1 / 12 page ![]() REV. D Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2004 Analog Devices, Inc. All rights reserved. REF43 +2.5 V Low Power Precision Voltage Reference FEATURES PIN CONFIGURATION GENERAL DESCRIPTION The REF43 is a low power precision reference providing a stable 2.5 V output independent of variations in supply voltage, load conditions or ambient temperature. It is suitable as a reference level for 8-, 10- and 12-bit data acquisition systems, or wherever a stable, known voltage is required. SIMPLIFIED SCHEMATIC ORDERING GUIDE Number of Initial Temperature Package Package Part per Temperature Model Accuracy Coefficient Description Option Reel/Tray Range REF43FZ 0.06% 10ppm/ ∞C 8-Pin Hermetic DIP Q-8 48 –40 ∞C to +85∞C REF43GZ 0.10% 25ppm/ ∞C 8-Pin Hermetic DIP Q-8 48 –40 ∞C to +85∞C REF43GP 0.10% 25ppm/ ∞C 8-Pin Plastic DIP N-8 50 –40 ∞C to +85∞C REF43GS 0.10% 25ppm/ ∞C 8-Pin SOIC R-8 98 –40 ∞C to +85∞C REF43GS-REEL 0.10% 25ppm/ ∞C 8-Pin SOIC R-8 2,500 –40 ∞C to +85∞C REF43GS-REEL7 0.10% 25ppm/ ∞C 8-Pin SOIC R-8 1,000 –40 ∞C to +85∞C REF43GSZ * 0.10% 25ppm/ ∞C 8-Pin SOIC R-8 98 –40 ∞C to +85∞C REF43GSZ-REEL7 * 0.10% 25ppm/ ∞C 8-Pin SOIC R-8 1,000 –40 ∞C to +85∞C REF43NBC 0.20% Die 221 *Z = Pb-free part. Tight output tolerances and low thermal drift are assured by zener-zap trimming of both output voltage and its temperature coefficient. A unique curvature correction circuit reduces the thermal curvature which is characteristic of many previous bandgap references. TEMP VIN VOUT TRIM GROUND |
同様の部品番号 - REF43GS-REEL |
|
同様の説明 - REF43GS-REEL |