| データシートサーチシステム |
|
ACPL-H342 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-H342 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 19 page ![]() 2 Ordering Information ACPL-H342 is UL Recognized with 3750 VRMS for 1 minute per UL1577. ACPL-K342 is UL Recognized with 5000 VRMS for 1 minute per UL1577. Part number Option (RoHS Compliant) Package Surface Mount Tape & Reel UL 5000 VRMS /1 Minute rating IEC/EN/DIN EN 60747-5-5 Quantity ACPL-H342 -000E Stretched SO-8 X 80 per tube -500E X X 1000 per reel -060E X X 80 per tube -560E X X X 1000 per reel ACPL-K342 -000E Stretched SO-8 X X 80 per tube -500E X X X 1000 per reel -060E X X X 80 per tube -560E X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-H342-560E to order product of Stretched SO-8 Surface Mount package in Tape and Reel packaging with IEC/EN/ DIN EN 60747-5-5 Safety Approval and RoHS compliant. Example 2: ACPL-K342-000E to order product of Stretched SO-8 Surface Mount package in Tube packaging with UL 5000 VRMS/1 minute and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |