| データシートサーチシステム |
|
250R120-R1ZR データシート(PDF) 7 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
250R120-R1ZR データシート(HTML) 7 Page - Littelfuse |
|
7 / 7 page ![]() 103 Revised: August 31, 2011 POLY-FUSE® Resettable PTCs © 2011 Littelfuse, Inc 250R Series Radial Leaded > 250R Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/250R.html for current information. Dimension EIA Mark IEC Mark Dimensions Dim. (mm) Tol. (mm) Carrier tape width WW 18 W 4 W 0 11 min. Top distance between tape edges W 6 W 2 3 Sprocket hole position W 5 W 1 9 D 0 D 0 4 Abscissa to plane (straight lead) HH 18.5 Abscissa to plane (kinked lead) H 0 H 0 16 Abscissa to top H 1 H 1 32.2 Overall width without lead protrusion C 1 42.5 Overall width with lead protrusion C 2 43.2 L 1 l 1 1.0 Protrusion of cut out LL 11 l 2 l 2 Not specified P 0 P 0 12.7 P 0 P 0 25.4 Pitch tolerance 20 consecutive. 12.7 25.4 Tape thickness tt 0.9 Tape thickness with splice t 1 2.0 Splice sprocket hole alignment 0 Body lateral deviation Δh Δh 0 Body tape plane deviation Δp Δp 0 P 1 P 1 3.81 FF 5.1 Tape and Ammo Specifications Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details. Tape and Ammo Diagram A B A1 L1 P0 D0 F L W4 H0 I2 H1 W5 W Reference plane Δh Δh H1 H C1 C2 Δh Δp Direction of unreeling Cross section A - B t Figure 1 |