| データシートサーチシステム |
|
PIC24FJ64GA006 データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA006 データシート(HTML) 13 Page - Microchip Technology |
|
13 / 258 page ![]() 2005-2012 Microchip Technology Inc. DS39747F-page 13 PIC24FJ128GA010 FAMILY PMA0 30 36 44 I/O ST/TTL Parallel Master Port Address Bit 0 Input (Buffered Slave modes) and Output (Master modes). PMA1 29 35 43 I/O ST/TTL Parallel Master Port Address Bit 1 Input (Buffered Slave modes) and Output (Master modes). PMA2 8 10 14 O — Parallel Master Port Address (Demultiplexed Master modes). PMA3 6 8 12 O — PMA4 5 7 11 O — PMA5 4 6 10 O — PMA6 16 24 29 O — PMA7 22 23 28 O — PMA8 32 40 50 O — PMA9 31 39 49 O — PMA10 28 34 42 O — PMA11 27 33 41 O — PMA12 24 30 35 O — PMA13 23 29 34 O — PMBE 51 63 78 O — Parallel Master Port Byte Enable Strobe. PMCS1 45 57 71 I/O ST/TTL Parallel Master Port Chip Select 1 Strobe/Address bit 14. PMCS2 44 56 70 O — Parallel Master Port Chip Select 2 Strobe/Address bit 15. PMD0 60 76 93 I/O ST/TTL Parallel Master Port Data (Demultiplexed Master mode) or Address/Data (Multiplexed Master modes). PMD1 61 77 94 I/O ST/TTL PMD2 62 78 98 I/O ST/TTL PMD3 63 79 99 I/O ST/TTL PMD4 64 80 100 I/O ST/TTL PMD5 1 1 3 I/O ST/TTL PMD6 2 2 4 I/O ST/TTL PMD7 3 3 5 I/O ST/TTL PMRD 53 67 82 I/O ST/TTL Parallel Master Port Read Strobe. PMWR 52 66 81 I/O ST/TTL Parallel Master Port Write Strobe. TABLE 1-2: PIC24FJ128GA010 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 64-Pin 80-Pin 100-Pin Legend: TTL = TTL input buffer, ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer |