データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9500A データシート(PDF) 26 Page - SMSC Corporation

部品番号 LAN9500A
部品情報  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500A データシート(HTML) 26 Page - SMSC Corporation

Back Button LAN9500A Datasheet HTML 22Page - SMSC Corporation LAN9500A Datasheet HTML 23Page - SMSC Corporation LAN9500A Datasheet HTML 24Page - SMSC Corporation LAN9500A Datasheet HTML 25Page - SMSC Corporation LAN9500A Datasheet HTML 26Page - SMSC Corporation LAN9500A Datasheet HTML 27Page - SMSC Corporation LAN9500A Datasheet HTML 28Page - SMSC Corporation LAN9500A Datasheet HTML 29Page - SMSC Corporation LAN9500A Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
26
SMSC LAN950x Family
DATASHEET
Chapter 5 EEPROM Controller (EPC)
LAN950x may use an external EEPROM to store the default values for the USB descriptors and the
MAC address. The EEPROM controller supports most “93C46” type EEPROMs. The EEP_SIZE strap
selects the size of the EEPROM attached to the device. When this strap is set to “0”, a 128 byte
EEPROM is attached and a total of seven address bits are used. When this strap is set to “1” a
256/512 byte EEPROM is attached and a total of nine address bits are used.
Note: A 3-wire style 1K/2K/4K EEPROM that is organized for 128 x 8-bit or 256/512 x 8-bit operation
must be used.
The MAC address is used as the default Ethernet MAC address and is loaded into the MAC’s ADDRH
and ADDRL registers. If a properly configured EEPROM is not detected, it is the responsibility of the
Host LAN Driver to set the IEEE addresses.
After a system-level reset occurs, the device will load the default values from a properly configured
EEPROM. The device will not accept USB transactions from the Host until this process is completed.
The device’s EEPROM controller also allows the Host system to read, write and erase the contents of
the Serial EEPROM.
5.1
EEPROM Format
Table 5.1 illustrates the format in which data is stored inside of the EEPROM.
Note the EEPROM offsets are given in units of 16-bit word offsets. A length field with a value of zero
indicates that the field does not exist in the EEPROM. The device will use the field’s HW default value
in this case.
Note: For the device descriptor, the only valid values for the length are 0 and 18.
Note: For the configuration and interface descriptor, the only valid values for the length are 0 and 18.
Note: The EEPROM programmer must ensure that if a string descriptor does not exist in the
EEPROM, the referencing descriptor must contain 00h for the respective string index field.
Note: If all string descriptor lengths are zero, then a Language ID will not be supported.
Table 5.1 EEPROM Format
EEPROM ADDRESS
EEPROM CONTENTS
00h
0xA5
01h
MAC Address [7:0]
02h
MAC Address [15:8]
03h
MAC Address [23:16]
04h
MAC Address [31:24]
05h
MAC Address [39:32]
06h
MAC Address [47:40]
07h
Full-Speed Polling Interval for Interrupt Endpoint
08h
Hi-Speed Polling Interval for Interrupt Endpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com