| データシートサーチシステム |
|
STA339BWS13TR データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA339BWS13TR データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 76 page ![]() STA339BWS Register description Doc ID 15276 Rev 5 39/76 2.1 channels, two half-bridges + one full-bridge (OCFG = 01) Mapping: ● FFX1A -> OUT1A ● FFX2A -> OUT1B ● FFX3A -> OUT2A ● FFX3B -> OUT2B ● FFX1A -> OUT3A ● FFX1B -> OUT3B ● FFX2A -> OUT4A ● FFX2B -> OUT4B Modulation: ● FFX1A/1B configured as binary ● FFX2A/2B configured as binary ● FFX3A/3B configured as binary ● FFX4A/4B configured as binary In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels the channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 16. Figure 16. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B |