データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L152R6T6 データシート(PDF) 13 Page - STMicroelectronics

部品番号 STM8L152R6T6
部品情報  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R6T6 データシート(HTML) 13 Page - STMicroelectronics

Back Button STM8L152R6T6 Datasheet HTML 9Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 10Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 11Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 12Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 13Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 14Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 15Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 16Page - STMicroelectronics STM8L152R6T6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
STM8L15xx8, STM8L15xR6
Functional overview
Doc ID 17943 Rev 5
13/129
3
Functional overview
Figure 1.
High density and medium+ density STM8L15xx device block diagram
1.
Legend:
AF: alternate function
ADC: Analog-to-digital converter
BOR: Brownout reset
DMA: Direct memory access
DAC: Digital-to-analog converter
I²C: Inter-integrated circuit multimaster interface
IWDG: Independent watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More