データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103VDT6 データシート(PDF) 32 Page - STMicroelectronics

部品番号 STM32F103VDT6
部品情報  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VDT6 データシート(HTML) 32 Page - STMicroelectronics

Back Button STM32F103VDT6 Datasheet HTML 28Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 29Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 30Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 31Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 32Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 33Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 34Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 35Page - STMicroelectronics STM32F103VDT6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
32/130
Doc ID 14611 Rev 8
H5
-
-
-
-
51
VSS_6
SVSS_6
G5
-
-
-
-
52
VDD_6
SVDD_6
K5
-
-
-
-
53
PF13
I/O FT
PF13
FSMC_A7
M6
-
-
-
-
54
PF14
I/O FT
PF14
FSMC_A8
L6
-
-
-
-
55
PF15
I/O FT
PF15
FSMC_A9
K6
-
-
-
-
56
PG0
I/O FT
PG0
FSMC_A10
J6
-
-
-
-
57
PG1
I/O FT
PG1
FSMC_A11
M7 H5
-
-
38 58
PE7
I/O FT
PE7
FSMC_D4
TIM1_ETR
L7
J5
-
-
39 59
PE8
I/O FT
PE8
FSMC_D5
TIM1_CH1N
K7
K5
-
-
40 60
PE9
I/O FT
PE9
FSMC_D6
TIM1_CH1
H6
-
-
-
-
61
VSS_7
SVSS_7
G6
-
-
-
-
62
VDD_7
SVDD_7
J7
G6
-
-
41 63
PE10
I/O FT
PE10
FSMC_D7
TIM1_CH2N
H8
H6
-
-
42 64
PE11
I/O FT
PE11
FSMC_D8
TIM1_CH2
J8
J6
-
-
43 65
PE12
I/O FT
PE12
FSMC_D9
TIM1_CH3N
K8
K6
-
-
44 66
PE13
I/O FT
PE13
FSMC_D10
TIM1_CH3
L8
G7
-
-
45 67
PE14
I/O FT
PE14
FSMC_D11
TIM1_CH4
M8 H7
-
-
46 68
PE15
I/O FT
PE15
FSMC_D12
TIM1_BKIN
M9
J7 G3 29 47 69
PB10
I/O FT
PB10
I2C2_SCL/USART3_TX(8)
TIM2_CH3
M10 K7 F3 30 48 70
PB11
I/O FT
PB11
I2C2_SDA/USART3_RX(8)
TIM2_CH4
H7
E7 H2 31 49 71
VSS_1
SVSS_1
G7
F7 H1 32 50 72
VDD_1
SVDD_1
M11 K8 G2 33 51 73
PB12
I/O FT
PB12
SPI2_NSS/I2S2_WS/
I2C2_SMBA/
USART3_CK(8)/
TIM1_BKIN(8)
M12 J8 G1 34 52 74
PB13
I/O FT
PB13
SPI2_SCK/I2S2_CK
USART3_CTS(8)/
TIM1_CH1N
L11 H8 F2 35 53 75
PB14
I/O FT
PB14
SPI2_MISO/TIM1_CH2N
USART3_RTS(8)/
L12 G8 F1 36 54 76
PB15
I/O FT
PB15
SPI2_MOSI/I2S2_SD
TIM1_CH3N(8)/
L9
K9
-
-
55 77
PD8
I/O FT
PD8
FSMC_D13
USART3_TX
K9
J9
-
-
56 78
PD9
I/O FT
PD9
FSMC_D14
USART3_RX
Table 5.
High-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More