| データシートサーチシステム |
|
STM32F303VCT6 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VCT6 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 132 page ![]() DocID023353 Rev 6 61/132 STM32F302xx/STM32F303xx Electrical characteristics 117 Table 25. Programmable voltage detector characteristics Symbol Parameter Conditions Min(1) 1. Data based on characterization results only, not tested in production. Typ Max(1) Unit VPVD0 PVD threshold 0 Rising edge 2.1 2.18 2.26 V Falling edge 2 2.08 2.16 VPVD1 PVD threshold 1 Rising edge 2.19 2.28 2.37 Falling edge 2.09 2.18 2.27 VPVD2 PVD threshold 2 Rising edge 2.28 2.38 2.48 Falling edge 2.18 2.28 2.38 VPVD3 PVD threshold 3 Rising edge 2.38 2.48 2.58 Falling edge 2.28 2.38 2.48 VPVD4 PVD threshold 4 Rising edge 2.47 2.58 2.69 Falling edge 2.37 2.48 2.59 VPVD5 PVD threshold 5 Rising edge 2.57 2.68 2.79 Falling edge 2.47 2.58 2.69 VPVD6 PVD threshold 6 Rising edge 2.66 2.78 2.9 Falling edge 2.56 2.68 2.8 VPVD7 PVD threshold 7 Rising edge 2.76 2.88 3 Falling edge 2.66 2.78 2.9 VPVDhyst(2) 2. Guaranteed by design, not tested in production. PVD hysteresis - 100 - mV IDD(PVD) PVD current consumption - 0.15 0.26 µA |