データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5510 データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MPC5510
部品情報  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Pin Assignments and Reset States
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
7
PC10
42
PC10
eMIOS10
PCS_C5
SCK_D
GPIO
eMIOS Channel
DSPI_C Peripheral Chip Select
DSPI_D Clock
I/O
I/O
O
I/O
VDDE1
SH
—
—
110
134
A14
PC11
43
PC11
eMIOS11
PCS_C4
SOUT_D
GPIO
eMIOS Channel
DSPI_C Peripheral Chip Select
DSPI_D Serial Out
I/O
I/O
O
O
VDDE1
SH
—
—
109
133
B14
PC12
44
PC12
eMIOS12
PSC_C3
SIN_D
GPIO
eMIOS Channel
DSPI_C Peripheral Chip Select
DSPI_D Serial In
I/O
I/O
O
I
VDDE1
SH
—
—
108
132
B16
PC13
45
PC13
eMIOS13
PCS_A5
PCS_D0
GPIO
eMIOS Channel
DSPI_A Peripheral Chip Select
DSPI_D Peripheral Chip Select
I/O
I/O
O
O
VDDE1
SH
—
—
107
131
C15
PC14
46
PC14
eMIOS14
PCS_A4
PCS_D1
GPIO
eMIOS Channel
DSPI_A Peripheral Chip Select
DSPI_D Peripheral Chip Select
I/O
I/O
O
O
VDDE1
SH
—
—
106
130
C16
PC15
47
PC15
eMIOS15
PCS_A3
PCS_D2
GPIO
eMIOS Channel
DSPI_A Peripheral Chip Select
DSPI_D Peripheral Chip Select
I/O
I/O
O
O
VDDE1
SH
—
—
105
129
D14
Port D (16)
PD0
48
PD0
CNTX_A
PCS_D3
GPIO
CAN_A Transmit
DSPI_D Peripheral Chip Select
I/O
O
O
VDDE1
SH
—
—
104
128
D15
PD1
49
PD1
CNRX_A
PCS_D4
GPIO
CAN_A Receive
DSPI_D Peripheral Chip Select
I/O
I
O
VDDE1
SH
—
—
103
127
D16
PD2
50
PD2
CNRX_B
eMIOS10
BOOTCFG
PCS_D5
GPIO
CAN_B Receive
eMIOS Channel
Boot Configuration
DSPI_D Peripheral Chip Select
I/O
I
O
I
O
VDDE1
SH
BOOTCFG
(Pulldown)
GPI
(Pulldown)
102
126
E14
PD3
51
PD3
CNTX_B
eMIOS11
GPIO
CAN_B Transmit
eMIOS Channel
I/O
O
O
VDDE1
SH
—
—
101
125
E15
PD4
52
PD4
CNTX_C
eMIOS12
GPIO
CAN_C Transmit
eMIOS Channel
I/O
O
O
VDDE1
SH
—
—
100
124
E16
PD5
53
PD5
CNRX_C
eMIOS13
GPIO
CAN_C Receive
eMIOS Channel
I/O
I
O
VDDE1
SH
—
—
99
123
F13
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54