| データシートサーチシステム |
|
CK45-R3AD151K-NRA データシート(PDF) 3 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
CK45-R3AD151K-NRA データシート(HTML) 3 Page - TDK Electronics |
|
3 / 4 page ![]() (2/3) 003-02 / 20110711 / e4937_rr.fm • All specifications are subject to change without notice. CAPACITANCE AND DIMENSIONS TEMPERATURE CHARACTERISTICS: R(+15, –30%) RATED VOLTAGE Edc: 2kV ∗ : Lead shape symbol • 1kV and 2kV are E6 series standard products. RATED VOLTAGE Edc: 3kV ∗ : Lead shape symbol LIST OF STANDARD LEAD SHAPES The lead type is indicated by the letter which is the 15th character of the product name. Dimensions in mm • We recommend using a vertical kink type. • For bulk products, we recommend a short lead type with the symbol N. Part No. Capacitance (pF) Dimensions(mm) Taping dimensions Halogen-free product Current product D max. T max. F d CK45-R3DD101K- ∗RA CK45-R3DD101K- ∗R 100 6.0 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD151K- RA CK45-R3DD151K- R 150 6.0 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD221K- RA CK45-R3DD221K- R 220 7.0 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD331K- RA CK45-R3DD331K- R 330 7.5 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD471K- RA CK45-R3DD471K- R 470 8.5 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD681K- RA CK45-R3DD681K- R 680 9.5 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD102K- RA CK45-R3DD102K- R 1,000 11.0 5.0 5.0±1.5 0.6±0.05 V1 CK45-R3DD152K- RA CK45-R3DD152K- R 1,500 12.0 5.0 7.5±1.5 0.6±0.05 V2 CK45-R3DD222K- RA CK45-R3DD222K- R 2,200 14.5 5.0 7.5±1.5 0.6±0.05 V3 CK45-R3DD332K- RA CK45-R3DD332K- R 3,300 17.0 5.0 10.0±2 0.6±0.05 — CK45-R3DD472K- RA CK45-R3DD472K- R 4,700 19.5 5.0 10.0±2 0.6±0.05 — Part No. Capacitance (pF) Dimensions(mm) Taping dimensions Halogen-free product Current product D max. T max. F d CK45-R3FD101K- ∗RA CK45-R3FD101K- ∗R 100 6.0 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD151K- RA CK45-R3FD151K- R 150 7.0 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD221K- RA CK45-R3FD221K- R 220 7.5 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD331K- RA CK45-R3FD331K- R 330 8.5 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD471K- RA CK45-R3FD471K- R 470 9.5 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD681K- RA CK45-R3FD681K- R 680 10.5 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD102K- RA CK45-R3FD102K- R 1,000 12.0 6.0 7.5±1.5 0.6±0.05 V2 CK45-R3FD152K- RA CK45-R3FD152K- R 1,500 14.5 6.0 7.5±1.5 0.6±0.05 V3 CK45-R3FD222K- RA CK45-R3FD222K- R 2,200 16.5 6.0 10.0±2 0.6±0.05 — Long lead Short lead Taping Vertical kink Symbol G Symbol N Symbol V Example) TDK Product Name: CK45-R3AD102K-NRA N: Lead type (Vertical kink, Short) D T F d D T F d D T |