| データシートサーチシステム |
|
AR1011T-I/ML データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011T-I/ML データシート(HTML) 35 Page - Microchip Technology |
|
35 / 70 page ![]() 2009-2012 Microchip Technology Inc. Preliminary DS41393B-page 35 AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER 9.0 COMMANDS 9.1 Sending Commands 9.1.1 COMMAND SEND FORMAT The controller supports application-specific configuration commands as shown in Table 9-1, below. To ensure command communication is not interrupted by touch activity, it is recommended that the controller touch is disabled, prior to other commands. This can be done as follows: 1. Send DISABLE_TOUCH command 2. Wait 50 ms 3. Send desired commands 4. Send ENABLE_TOUCH command 9.1.2 COMMAND RESPONSE A received command will be responded to as seen in Table 9-2 below. The “Status” value within the response packet should be one of the following (See Table 9-3): TABLE 9-1: COMMAND SEND FORMAT Byte # Name Value Description 1 Header 0x55 Header (mark beginning of command packet) 2 Size 0x<> Size, # of bytes following this byte 3 Command 0x<> Command ID 4 Data 0x<> Data, if applicable for the command : Data 0x<> Data, if applicable for the command TABLE 9-2: COMMAND RESPONSE FORMAT Byte # Name Value Description 1 Header 0x55 Header (mark beginning of command packet) 2 Size 0x<> Size, # of bytes following this byte 3 Status 0x<> Status 4 Command 0x<> Command ID 5 Data 0x<> Data, if applicable for the command : Data 0x<> Data, if applicable for the command TABLE 9-3: COMMAND RESPONSE STATUS VALUES Status Value Description 0x00 Success 0x01 Command Unrecognized 0x03 Header Unrecognized 0x04 Command Time Out (exceeded ~100 ms) 0xFC Cancel Calibration mode |