データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR1020-I/SS データシート(PDF) 13 Page - Microchip Technology

部品番号 AR1020-I/SS
部品情報  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/SS データシート(HTML) 13 Page - Microchip Technology

Back Button AR1020-I/SS Datasheet HTML 9Page - Microchip Technology AR1020-I/SS Datasheet HTML 10Page - Microchip Technology AR1020-I/SS Datasheet HTML 11Page - Microchip Technology AR1020-I/SS Datasheet HTML 12Page - Microchip Technology AR1020-I/SS Datasheet HTML 13Page - Microchip Technology AR1020-I/SS Datasheet HTML 14Page - Microchip Technology AR1020-I/SS Datasheet HTML 15Page - Microchip Technology AR1020-I/SS Datasheet HTML 16Page - Microchip Technology AR1020-I/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 13
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
3.4
5-Wire Touch Sensor Interface
Sensor tail pinouts can vary by manufacturer and part
number. Ensure sensor tail pins for one pair of
diagonally related sensor corners are connected to the
controller’s X-/X+ pins and the tail pins for the other pair
of diagonally related corners are connected to the
controller’s Y-/Y+ pins.
The controller’s X-/X+ and Y-/Y+ pin pairs do not need
to connect to a specific sensor axis. The orientation of
controller pins X- and X+ to the two selected diagonal
sensor corners is not important.
Likewise, the orientation of controller pins Y- and Y+ to
the other two selected diagonal sensor corners is not
important. The sensor tail pin connected to its top layer
must be connected to the controller’s 5WSX- pin.
Connections to a 5-wire touch sensor are shown in
Figure 3-3 below.
FIGURE 3-3:
5-WIRE TOUCH SENSOR INTERFACE
Tie unused controller pins SX+, SY-, and SY+ to VSS.
See
“Section 3.8
“ESD
Considerations”
and
Section 3.9 “Noise Considerations” for important
information regarding the capacitance of the controller
schematic hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70