データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7082A-2 データシート(PDF) 7 Page - Holtek Semiconductor Inc

部品番号 HT7082A-2
部品情報  TinyPowerTM Voltage Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7082A-2 データシート(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7082A-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7082A-2 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Application Circuits
HT70xxA-2
Rev. 1.20
7
December 14, 2012
Microcomputer Reset Circuit
Normally a reset circuit is required to protect the
microcomputer system from malfunctions due to power
line interruptions. The following examples show how
different output configurations perform a reset function
in various systems.
· NMOS open drain output application for separate
power supply
· NMOS open drain output application with R-C delay
Power-on Reset Circuit
With several external components, the NMOS open
drain type of the HT70xxA-2 series can be used to
perform a power-on reset function as shown:
5V Power Line Monitoring Circuit
Generally, a minimum operating voltage of 4.5V is
guaranteed in a 5V power line system. The HT7044A-2
is recommended for use as 5V power line monitoring
circuit.
· 5V power line monitor with power-on reset
H T 7 0 X X A - 2
V D D
V S S
V O U T
M i c r o -
C o m p u t e r
C
R
V D D 2
V D D 1
R E S E T
H T 7 0 X X A - 2
V S S
V O U T
M i c r o -
C o m p u t e r
H T 7 0 X X A - 2
V O U T
V S S
R
D
V I N
V D D
C
t
V D D
t
V O U T
V O U T
V S S
H T 7 0 4 4 A - 2
V S S
V D D
V S S
C
V O U T
5 V P o w e r l i n e
D
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com