データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6546RT-I/OT データシート(PDF) 21 Page - Microchip Technology

部品番号 MCP6546RT-I/OT
部品情報  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546RT-I/OT データシート(HTML) 21 Page - Microchip Technology

Back Button MCP6546RT-I/OT Datasheet HTML 17Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 18Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 19Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 20Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 21Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 22Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 23Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 24Page - Microchip Technology MCP6546RT-I/OT Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 21
MCP6546/6R/6U/7/8/9
Package Marking Information (Continued)
XXXXXXXXXX
Example:
14-Lead SOIC (150 mil) (MCP6549)
OR
MCP6549ISL
1148256
MCP6549
1148256
E/SL^^3
e
14-Lead TSSOP (MCP6549)
Example:
MCP6549I
1148
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44