データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5962-9316401MXA データシート(PDF) 1 Page - Analog Devices

部品番号 5962-9316401MXA
部品情報  12-Bit 100 kSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

5962-9316401MXA データシート(HTML) 1 Page - Analog Devices

  5962-9316401MXA Datasheet HTML 1Page - Analog Devices 5962-9316401MXA Datasheet HTML 2Page - Analog Devices 5962-9316401MXA Datasheet HTML 3Page - Analog Devices 5962-9316401MXA Datasheet HTML 4Page - Analog Devices 5962-9316401MXA Datasheet HTML 5Page - Analog Devices 5962-9316401MXA Datasheet HTML 6Page - Analog Devices 5962-9316401MXA Datasheet HTML 7Page - Analog Devices 5962-9316401MXA Datasheet HTML 8Page - Analog Devices 5962-9316401MXA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REF OUT
SHA
COMP
20k
10k
5k
2.5k
2.5k
5k
12
12
AD1674
AGND
BIP OFF
REF IN
20V
IN
10V
IN
IDAC
12
CONTROL
CE
12/8
CS
R/C
A
0
5k
10k
SAR
CLOCK
10V
REF
DAC
STS
DB11 (MSB)
DB0 (LSB)
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit 100 kSPS
A/D Converter
AD1674*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Complete Monolithic 12-Bit 10
s Sampling ADC
On-Board Sample-and-Hold Amplifier
Industry Standard Pinout
8- and 16-Bit Microprocessor Interface
AC and DC Specified and Tested
Unipolar and Bipolar Inputs
5 V,
10 V, 0 V–10 V, 0 V–20 V Input Ranges
Commercial, Industrial and Military Temperature
Range Grades
MIL-STD-883 and SMD Compliant Versions Available
PRODUCT DESCRIPTION
The AD1674 is a complete, multipurpose, 12-bit analog-to-
digital converter, consisting of a user-transparent onboard
sample-and-hold amplifier (SHA), 10 volt reference, clock and
three-state output buffers for microprocessor interface.
The AD1674 is pin compatible with the industry standard
AD574A and AD674A, but includes a sampling function while
delivering a faster conversion rate. The on-chip SHA has a wide
input bandwidth supporting 12-bit accuracy over the full
Nyquist bandwidth of the converter.
The AD1674 is fully specified for ac parameters (such as S/(N+D)
ratio, THD, and IMD) and dc parameters (offset, full-scale
error, etc.). With both ac and dc specifications, the AD1674 is
ideal for use in signal processing and traditional dc measure-
ment applications.
The AD1674 design is implemented using Analog Devices’
BiMOS II process allowing high performance bipolar analog cir-
cuitry to be combined on the same die with digital CMOS logic.
Five different temperature grades are available. The AD1674J
and K grades are specified for operation over the 0
°C to +70°C
temperature range. The A and B grades are specified from
–40
°C to +85°C; the AD1674T grade is specified from –55°C
to +125
°C. The J and K grades are available in both 28-lead
plastic DIP and SOIC. The A and B grade devices are available
in 28-lead hermetically sealed ceramic DIP and 28-lead SOIC.
The T grade is available in 28-lead hermetically sealed ceramic
DIP.
*Protected by U. S. Patent Nos. 4,962,325; 4,250,445; 4,808,908; RE30586 .
PRODUCT HIGHLIGHTS
1. Industry Standard Pinout: The AD1674 utilizes the pinout
established by the industry standard AD574A and AD674A.
2. Integrated SHA: The AD1674 has an integrated SHA which
supports the full Nyquist bandwidth of the converter. The
SHA function is transparent to the user; no wait-states are
needed for SHA acquisition.
3. DC and AC Specified: In addition to traditional dc specifica-
tions, the AD1674 is also fully specified for frequency do-
main ac parameters such as total harmonic distortion,
signal-to-noise ratio and input bandwidth. These parameters
can be tested and guaranteed as a result of the onboard
SHA.
4. Analog Operation: The precision, laser-trimmed scaling and
bipolar offset resistors provide four calibrated ranges:
0 V to +10 V and 0 V to +20 V unipolar, –5 V to +5 V and
–10 V to +10 V bipolar. The AD1674 operates on +5 V and
±12 V or ±15 V power supplies.
5. Flexible Digital Interface: On-chip multiple-mode
three-state output buffers and interface logic allow direct
connection to most microprocessors.


同様の部品番号 - 5962-9316401MXA

メーカー部品番号データシート部品情報
logo
Analog Devices
5962-9312901M2A AD-5962-9312901M2A Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
5962-9312901M2A AD-5962-9312901M2A Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
5962-9312901M2A AD-5962-9312901M2A Datasheet
385Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
5962-9312901M2A AD-5962-9312901M2A Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
5962-9312901M2A AD-5962-9312901M2A Datasheet
378Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
More results

同様の説明 - 5962-9316401MXA

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1674 AD-AD1674 Datasheet
255Kb / 12P
12-Bit 100 kSPS A/D Converter
AD977 AD-AD977 Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV.D
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
12-Bit 100 kSPS A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com