データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCU877A データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCU877A
部品情報  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCU877A データシート(HTML) 3 Page - Texas Instruments

  CDCU877A Datasheet HTML 1Page - Texas Instruments CDCU877A Datasheet HTML 2Page - Texas Instruments CDCU877A Datasheet HTML 3Page - Texas Instruments CDCU877A Datasheet HTML 4Page - Texas Instruments CDCU877A Datasheet HTML 5Page - Texas Instruments CDCU877A Datasheet HTML 6Page - Texas Instruments CDCU877A Datasheet HTML 7Page - Texas Instruments CDCU877A Datasheet HTML 8Page - Texas Instruments CDCU877A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
GQL/ZQL
RHA/RTB
AGND
G1
7
Analog ground
AVDD
H1
8
Analog power
CK
E1
4
I
Clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
Complementary clock input with a (10 k
Ω to 100 kΩ) pulldown
CK
F1
5
I
resistor
FBIN
E6
27
I
Feedback clock input
FBIN
F6
26
I
Complementary feedback clock input
FBOUT
H6
24
O
Feedback clock output
FBOUT
G6
25
O
Complementary feedback clock output
OE
F5
22
I
Output enable (asynchronous)
OS
D5
21
I
Output select (tied to GND or VDD)
B2, B3, B4, B5,
GND
C2, C5, H2, H5,
10
Ground
J2, J3, J4, J5
D2, D3, D4, E2,
1, 6, 9, 15, 20, 23,
VDDQ
E5, F2, G2, G3,
Logic and output power
28, 31, 36
G4, G5
A2, A1, D1, J1, K3,
3, 11, 14, 16, 19,
Y[0:9]
O
Clock outputs
A5, A6, D6, J6, K4
29, 33, 34, 38, 39
A3, B1, C1, K1,
2, 12, 13, 18, 17,
Y[0:9]
K2, A4, B6, C6,
O
Complementary clock outputs
30, 32, 35, 37, 40
K6, K5
FUNCTION TABLE
INPUTS
OUTPUTS
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
PLL
GND
H
X
L
H
L
H
L
H
Bypassed/Off
GND
H
X
H
L
H
L
H
L
Bypassed/Off
GND
L
H
L
H
LZ
LZ
L
H
Bypassed/Off
LZ
LZ
GND
L
L
H
L
H
L
Bypassed/Off
Y7 Active
Y7 Active
1.8 V Nominal
L
H
L
H
LZ
LZ
L
H
On
LZ
LZ
1.8 V Nominal
L
L
H
L
H
L
On
Y7 Active
Y7 Active
1.8 V Nominal
H
X
L
H
L
H
L
H
On
1.8 V Nominal
H
X
H
L
H
L
H
L
On
1.8 V Nominal
X
X
L
L
LZ
LZ
LZ
LZ
Off
X
X
X
H
H
Reserved
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com