データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM5010ARSZ データシート(PDF) 3 Page - Analog Devices

部品番号 ADuM5010ARSZ
部品情報  The ADuM50101 is an integrated, isolated dc-to-dc converter.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM5010ARSZ データシート(HTML) 3 Page - Analog Devices

  ADuM5010ARSZ Datasheet HTML 1Page - Analog Devices ADuM5010ARSZ Datasheet HTML 2Page - Analog Devices ADuM5010ARSZ Datasheet HTML 3Page - Analog Devices ADuM5010ARSZ Datasheet HTML 4Page - Analog Devices ADuM5010ARSZ Datasheet HTML 5Page - Analog Devices ADuM5010ARSZ Datasheet HTML 6Page - Analog Devices ADuM5010ARSZ Datasheet HTML 7Page - Analog Devices ADuM5010ARSZ Datasheet HTML 8Page - Analog Devices ADuM5010ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADuM5010
Rev. A | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/5 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDDP = VISO = 5 V, VSEL resistor network: R1 = 10 kΩ, R2 = 30.9 kΩ. Minimum/maximum
specifications apply over the entire recommended operation range which is 4.5 V ≤ VDDP, VSEL, VISO ≤ 5.5 V, and −40°C ≤ TA ≤ +105°C,
unless otherwise noted. Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 2. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
5.0
V
IISO = 15 mA, R1 = 10 kΩ, R2 = 30.9 kΩ
Thermal Coefficient
VISO (TC)
−44
μV/°C
Line Regulation
VISO (LINE)
20
mV/V
IISO = 15 mA, VDDP = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1.3
3
%
IISO = 3 mA to 27 mA
Output Ripple
VISO (RIP)
75
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 27 mA
Output Noise
VISO (NOISE)
200
mV p-p
CBO = 0.1 µF||10 µF, IISO = 27 mA
Switching Frequency
fOSC
125
MHz
Pulse Width Modulation Frequency
fPWM
600
kHz
Output Supply
IISO (MAX)
30
mA
VISO > 4.5 V
Efficiency at IISO (MAX)
29
%
IISO = 27 mA
IDDP, No VISO Load
IDD1 (Q)
6.8
12
mA
IDDP, Full VISO Load
IDD1 (MAX)
104
mA
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
Table 3. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VDDP
V
Logic Low Input Threshold
VIL
0.3 VDDP
V
Undervoltage Lockout
VISO, VDDP supply
Positive Going Threshold
VUV+
2.7
V
Negative Going Threshold
VUV−
2.4
V
Input Currents per Channel
IPDIS
−10
+0.01
+10
µA
0 V ≤ VPDIS ≤ VDDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16