| データシートサーチシステム |
|
LM317S/NOPB データシート(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM317S/NOPB データシート(HTML) 1 Page - Texas Instruments |
|
1 / 38 page ![]() LM117, LM317-N www.ti.com SNVS774L – MAY 2004 – REVISED FEBRUARY 2011 LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator Check for Samples: LM117, LM317-N Normally, no capacitors are needed unless the device 1 FEATURES is situated more than 6 inches from the input filter 2 • Specified 1% Output Voltage Tolerance capacitors in which case an input bypass is needed. (LM317A) An optional output capacitor can be added to improve • Specified Max. 0.01%/V Line Regulation transient response. The adjustment terminal can be bypassed to achieve very high ripple rejection ratios (LM317A) which are difficult to achieve with standard 3-terminal • Specified Max. 0.3% Load Regulation (LM117) regulators. • Specified 1.5A Output Current Besides replacing fixed regulators, the LM117 is • Adjustable Output Down to 1.2V useful in a wide variety of other applications. Since • Current Limit Constant With Temperature the regulator is “floating” and sees only the input-to- output differential voltage, supplies of several • P+ Product Enhancement Tested hundred volts can be regulated as long as the • 80 dB Ripple Rejection maximum input to output differential is not exceeded, • Output is Short-Circuit Protected i.e., avoid short-circuiting the output. Also, it makes an especially simple adjustable DESCRIPTION switching regulator, a programmable output regulator, The LM117 series of adjustable 3-terminal positive or by connecting a fixed resistor between the voltage regulators is capable of supplying in excess adjustment pin and output, the LM117 can be used of 1.5A over a 1.2V to 37V output range. They are as a precision current regulator. Supplies with exceptionally easy to use and require only two electronic shutdown can be achieved by clamping the external resistors to set the output voltage. Further, adjustment terminal to ground which programs the both line and load regulation are better than standard output to 1.2V where most loads draw little current. fixed regulators. Also, the LM117 is packaged in standard transistor packages which are easily For applications requiring greater output current, see mounted and handled. LM150 series (3A) and LM138 series (5A) data sheets. For the negative complement, see LM137 In addition to higher performance than fixed series data sheet. regulators, the LM117 series offers full overload protection available only in IC's. Included on the chip are current limit, thermal overload protection and safe area protection. All overload protection circuitry remains fully functional even if the adjustment terminal is disconnected. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - LM317S/NOPB |
|
同様の説明 - LM317S/NOPB |