データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC2-D65 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 LC2-D65
部品情報  CONTACTORS / REVERSING CONTACTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LC2-D65 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  LC2-D65 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LC1/LC2 - D40 D50 D65 D80 D95
LC1
c
a/c
5
Positions de fonctionnement
OPERATING POSITIONS
BEFESTIGUNGSLAGE
Raccordement mini … maxi
WIRING MIN … MAX
ANSCHLÜSSE MIN … MAX
CONNESSIONE MIN … MAX
CAPACIDAD DE CONEXION MIN … MAX
LIGAÇÃO MÍN … MÁX
POSIZIONI DI FUNZIONAMENTO
POSICIONES DE FUNCIONAMIENTO
POSIÇÕES DE FUNCIONAMENTO
30
°
30
°
90
°
270
°
180
°
360
°
C
C
L
Ø3,5
LC1D
LP1D
LC2D
D40
D50
D65
LC
N.m
[ mm
2 ] [ mm2 ] [ mm2 ] [ mm2 ] [ mm2 ] [ mm2 ] [ mm ]
[ mm ]
Philips
1…2,5
2,5
:
25
1…2,5
4
:
50
1…2,5
1…2,5
+
1…2,5
2,5…10
+
2,5…10
1…2,5
+
1…2,5
4…16
+
4…16
1…2,5
+
1…2,5
1…4
2,5
:
25
1…4
4
:
50
1…4
1…4
+
1…4
2,5…16
+
2,5…16
1…4
+
1…4
4…25
+
4…25
1…4
+
1…4
1…4
2,5
:
25
1…4
4
:
50
1…4
1…4
+
1…4
2,5…16
+
2,5…16
1…4
+
1…4
4…25
+
4…25
1…4
+
1…4
8
8
8
4
7,5
–
7,5
–
7,5
∅ 6
∅ 6
∅ 8
∅ 6
∅ 6
∅ 8
∅ 6
2
2
2
1,2
5
1,2
9
1,2
D80
D95
LX-D
LA-D



Html Pages

1 2 3 4 5 6 7 8