| データシートサーチシステム |
|
VIPER06XN データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06XN データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 28 page ![]() Burst mode VIPER06 18/28 Doc ID 022794 Rev 1 Figure 23. COMP pin voltage versus IDRAIN 13 Burst mode When the voltage VCOMP drops below the threshold, VCOMPL, the power MOSFET is kept in the OFF state and the consumption is reduced to the IDD0 current, as reported on Table 6 on page 7. In reaction to the loss of energy, the VCOMP voltage increases and as soon as it exceeds the threshold VCOMPL + VCOMPL_HYS, the converter starts switching again with a level of consumption equal to the IDD1 current. This ON-OFF operation mode, referred to as “burst mode” and shown in Figure 24 on page 18, reduces the average frequency, which can go down even to a few hundreds hertz, thus minimizing all frequency-related losses and making it easier to comply with energy-saving regulations. During burst mode, the drain current limit is reduced to the value IDlim_bm (given inTable 7 on page 8) in order to avoid the audible noise issue. Figure 24. Load-dependent operating modes: timing waveforms AM01095v1 VCOMPH VCOMPL IDlim_bm IDlim IDRAIN VCOMP time time time V COMP V COMPL +VCOMPL_HYS V COMPL I DD1 I DD0 I DD I DRAIN I Dlim_bm Burst Mode |