| データシートサーチシステム |
|
P0102DN5AA4 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
P0102DN5AA4 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Characteristics P010xx 2/11 1 Characteristics Table 2. Absolute ratings (limiting values) P010xxA and P010xxN Symbol Parameter Value Unit IT(RMS) RMS on-state current (180° conduction angle) TO-92 Tl = 55 °C 0.8 A SOT-223 Tamb = 70 °C IT(AV) Average on-state current (180° conduction angle) TO-92 Tl = 55 °C 0.5 A SOT-223 Tamb = 70 °C ITSM Non repetitive surge peak on-state current tp = 8.3 ms Tj = 25 °C 8 A tp = 10 ms 7 I²tI²t Value for fusing tp = 10 ms Tj = 25 °C 0.24 A2S dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 60 Hz Tj = 125 °C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125 °C 1 A PG(AV) Average gate power dissipation Tj = 125 °C 0.1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C Table 3. Absolute ratings (limiting values) P010xxL Symbol Parameter Value Unit IT(RMS) RMS on-state current (180° conduction angle) Tamb = 36 °C 0.25 A IT(AV) Average on-state current (180° conduction angle) Tamb = 36 °C 0.16 A ITSM Non repetitive surge peak on-state current tp = 8.3 ms Tj = 25 °C 7 A tp = 10 ms 6 I²tI²t Value for fusing tp = 10 ms Tj = 25 °C 0.18 A2S dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 60 Hz Tj = 125 °C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125 °C 0.5 A PG(AV) Average gate power dissipation Tj = 125 °C 0.02 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C |