データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC393CPWRG4 データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC393CPWRG4
部品情報  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393CPWRG4 データシート(HTML) 21 Page - Texas Instruments

Back Button TLC393CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 24Page - Texas Instruments TLC393CPWRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
5962-9555101NXDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TLC393CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TLC393CPSR
SO
PS
8
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
TLC393IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TLC393QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TLC393QDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Mar-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31