データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE9185 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE9185
部品情報  SMA Female to BNC Female Bulkhead Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9185 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9185 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9185 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to BNC Female Bulkhead Adapter
Configuration
Connector 1
SMA Female
Connector Specification 1
MIL-STD-348
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.32 [33.53]
Width/Dia., in [mm]
0.69 [17.53]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-bnc-female-straight-adapter-pe9185-p.aspx
SMA Female to BNC Female Bulkhead Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
SMA Female to BNC Female Bulkhead Adapter
PE9185
PE9185 REV


同様の部品番号 - PE9185

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
More results

同様の説明 - PE9185

メーカー部品番号データシート部品情報
logo
Pomona Electronics
4291 POMONA-4291 Datasheet
21Kb / 1P
Adapter, SMA Female To BNC Female
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9075 PASTERNACK-PE9075 Datasheet
250Kb / 3P
SMA Female to BNC Female Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
PE9204 PASTERNACK-PE9204 Datasheet
244Kb / 2P
Bulkhead BNC Female to C Female Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9407 PASTERNACK-PE9407 Datasheet
251Kb / 2P
Bulkhead SMA Female to BNC Female Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com