| データシートサーチシステム |
|
PV36X503C01 データシート(PDF) 52 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PV36X503C01 データシート(HTML) 52 Page - Murata Manufacturing Co., Ltd. |
|
52 / 55 page ![]() Packaging Continued from the preceding page. Part Number PVZ2A PVZ2R PVA2 PVZ3A/H PVZ3G PVZ3K 2.4±0.2 3.3±0.2 (in mm) A 3.1±0.1 5.1±0.2 3.1±0.1 3.8±0.2 5.8±0.2 B 8.0±0.2 12.0±0.2 8.0±0.2 12.0±0.2 C 3.5±0.1 5.5±0.1 3.5±0.1 5.5±0.1 D 1.1±0.1 1.0±0.1 1.1±0.1 1.95±0.1 1.3±0.1 2.3±0.1 I 0.2±0.1 0.3±0.1 0.2±0.1 0.3±0.1 J a a' 4.0±0.1 2.0±0.1 4.0±0.1 1.5 Dia. +0.1 –0 1.75±0.1 D C A B J I Across a – a' Tape feeding direction PVZ2 / PVA2 / PVZ3 c Dimensions of Plastic Tape Part Number PVG3A PVG3G PVM4 PVG5H 4.0±0.1 4.5±0.2 5.4±0.2 A 4.0±0.1 4.9±0.1 5.5±0.2 5.8±0.2 B 2.1±0.1 2.15±0.1 4.0±0.1 I 0.3±0.1 0.3±0.1 0.4±0.1 J (in mm) PVG3A / PVG3G / PVM4 / PVG5H J I 2.0±0.1 8.0±0.1 B A 4.0±0.1 1.5 +0.1 c Dimensions of Plastic Tape Continued on the following page. R50E.pdf Jul.23,2012 50 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. |