| データシートサーチシステム |
|
PRF18BE471RB5RB データシート(PDF) 74 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PRF18BE471RB5RB データシート(HTML) 74 Page - Murata Manufacturing Co., Ltd. |
|
74 / 104 page ![]() Overheat Sensing Chip Type (Related Data) a Solder resist (in mm) b Land Chip Part Number Chip (L gW) a Dimensions (mm) bc 1.0 g0.5 1.6 g0.8 Soldering Methods 0.5 0.4-0.5 0.5 Reflow Soldering 0.6-0.8 0.6-0.7 0.6-0.8 2.0 g1.25 1.0-1.2 0.5-0.7 1.0-1.2 PRF15 PRF18 PRF21 c Standard Land Pattern Dimensions 0.1 1 10 100 1000 –20 0 20 40 60 80 100 120 140 160 Temperature (°C) BE BD BC BB BA AR AS BF BG R1 R2 Thermal +Vcc RL RE Connection PTH c Overheat Protection Circuit R1 RL1 RL2 RE1 RE2 Load +Vcc PTH c Temperature Sensing Circuit R90E.pdf Sep.24,2012 72 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. c Resistance - Temperature Characteristics (Typical) |