| データシートサーチシステム |
|
PV37W503C01 データシート(PDF) 27 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PV37W503C01 データシート(HTML) 27 Page - Murata Manufacturing Co., Ltd. |
|
27 / 55 page ![]() PVM4 Series Notice Continued from the preceding page. c Notice (Handling) c Notice (Other) 1. Please make sure that your product has been evaluated and confirmed against your specifications when our product is mounted to your product. 2. Murata cannot guarantee trimmer potentiometer integrity when used under conditions other than those specified in this document. R50E.pdf Jul.23,2012 25 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 4 1. Use suitable screwdrivers that fit comfortably in the driver slot. We recommend the screwdriver below. * Recommended screwdriver for manual adjustment VESSEL MFG.: NO. 9000-2.6x30 (Murata P/N: KMDR120) We can supply the screwdrivers above. If you place an order, please specify the Murata P/N. 2. Do not apply more than 4.9N (Ref. 500gf) of twist and stress after mounting onto PCB to prevent contact intermittence. If excessive force is applied, the trimmer potentiometer may not function. 3. Please use within the effective rotational angle. The potentiometer does not have a mechanical stop for over rotation. In cases out of effective rotational angle, the trimmer potentiometer may not function. 4. When using a lock paint to fix the slot position, please use adhesive resin without chlorine or sulfur (Three-bond "1401 series") and evaluate performance with your product. Lock paint may cause corrosion or electrical contact problems. |