データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103RG データシート(PDF) 33 Page - STMicroelectronics

部品番号 STM32F103RG
部品情報  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RG データシート(HTML) 33 Page - STMicroelectronics

Back Button STM32F103RG Datasheet HTML 29Page - STMicroelectronics STM32F103RG Datasheet HTML 30Page - STMicroelectronics STM32F103RG Datasheet HTML 31Page - STMicroelectronics STM32F103RG Datasheet HTML 32Page - STMicroelectronics STM32F103RG Datasheet HTML 33Page - STMicroelectronics STM32F103RG Datasheet HTML 34Page - STMicroelectronics STM32F103RG Datasheet HTML 35Page - STMicroelectronics STM32F103RG Datasheet HTML 36Page - STMicroelectronics STM32F103RG Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
STM32F103xF, STM32F103xG
Pinouts and pin descriptions
Doc ID 16554 Rev 3
33/120
A10 50 77 110
PA15
I/O FT
JTDI
SPI3_NSS / I2S3_WS
TIM2_CH1_ETR
PA15 / SPI1_NSS
B11 51 78 111
PC10
I/O FT
PC10
UART4_TX / SDIO_D2
USART3_TX
B10 52 79 112
PC11
I/O FT
PC11
UART4_RX / SDIO_D3
USART3_RX
C10 53 80 113
PC12
I/O FT
PC12
UART5_TX / SDIO_CK
USART3_CK
E10
-
81 114
PD0
I/O FT
PD0
FSMC_D2(9)
CAN_RX
D10
-
82 115
PD1
I/O FT
PD1
FSMC_D3(9)
CAN_TX
E9
54 83 116
PD2
I/O FT
PD2
TIM3_ETR / UART5_RX /
SDIO_CMD
D9
-
84 117
PD3
I/O FT
PD3
FSMC_CLK
USART2_CTS
C9
-
85 118
PD4
I/O FT
PD4
FSMC_NOE
USART2_RTS
B9
-
86 119
PD5
I/O FT
PD5
FSMC_NWE
USART2_TX
E7
-
-
120
VSS_10
SVSS_10
F7
-
-
121
VDD_10
SVDD_10
A8
-
87 122
PD6
I/O FT
PD6
FSMC_NWAIT
USART2_RX
A9
-
88 123
PD7
I/O FT
PD7
FSMC_NE1 / FSMC_NCE2
USART2_CK
E8
-
-
124
PG9
I/O FT
PG9
FSMC_NE2 / FSMC_NCE3
D8
-
-
125
PG10
I/O FT
PG10
FSMC_NCE4_1 / FSMC_NE3
C8
-
-
126
PG11
I/O FT
PG11
FSMC_NCE4_2
B8
-
-
127
PG12
I/O FT
PG12
FSMC_NE4
D7
-
-
128
PG13
I/O FT
PG13
FSMC_A24
C7
-
-
129
PG14
I/O FT
PG14
FSMC_A25
E6
-
-
130
VSS_11
S
VSS_11
F6
-
-
131
VDD_11
S
VDD_11
B7
-
-
132
PG15
I/O FT
PG15
A7
55 89 133
PB3/
I/O FT
JTDO
SPI3_SCK / I2S3_CK/
PB3/TRACESWO
TIM2_CH2 /
SPI1_SCK
A6
56 90 134
PB4
I/O FT
NJTRST
SPI3_MISO
PB4 / TIM3_CH1
SPI1_MISO
B6
57 91 135
PB5
I/O
PB5
I2C1_SMBA / SPI3_MOSI /
I2S3_SD
TIM3_CH2 /
SPI1_MOSI
C6 58 92 136
PB6
I/O FT
PB6
I2C1_SCL(8)/ TIM4_CH1(8)
USART1_TX
D6 59 93 137
PB7
I/O FT
PB7
I2C1_SDA(8) / FSMC_NADV /
TIM4_CH2(8)
USART1_RX
Table 5.
STM32F103xF and STM32F103xG pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More