| データシートサーチシステム |
|
STM32F101ZF データシート(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101ZF データシート(HTML) 92 Page - STMicroelectronics |
|
92 / 108 page ![]() Electrical characteristics STM32F101xF, STM32F101xG 92/108 Doc ID 17143 Rev 2 Figure 48. SPI timing diagram - master mode(1) 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. 5.3.18 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 55 are preliminary values derived from tests performed under ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized in Table 10. Note: It is recommended to perform a calibration after each power-up. ai14136 CPHA= 0 MOSI OUTUT MISO INP UT CPHA= 0 MS BIN M SB OUT BI T6 IN LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) |