| データシートサーチシステム |
|
STM32F103C8 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 105 page ![]() STM32F103x8, STM32F103xB Pinouts and pin description Doc ID 13587 Rev 15 31/105 D9 D11 29 D7 41 67 20 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(9)/ MCO C9 D10 30 C7 42 68 21 PA9 I/O FT PA9 USART1_TX(9)/ TIM1_CH2(9) D10 C12 31 C6 43 69 22 PA10 I/O FT PA10 USART1_RX(9)/ TIM1_CH3(9) C10 B12 32 C8 44 70 23 PA11 I/O FT PA11 USART1_CTS/ CANRX(9)/ USBDM/ TIM1_CH4(9) B10 A12 33 B8 45 71 24 PA12 I/O FT PA12 USART1_RTS/ CANTX(9) /USBDP TIM1_ETR(9) A10 A11 34 A8 46 72 25 PA13 I/O FT JTMS/SWDIO PA13 F8 C11 - - - 73 - Not connected E6 F11 35 D5 47 74 26 VSS_2 SVSS_2 F6 G11 36 E5 48 75 27 VDD_2 SVDD_2 A9 A10 37 A7 49 76 28 PA14 I/O FT JTCK/SWCLK PA14 A8 A9 38 A6 50 77 29 PA15 I/O FT JTDI TIM2_CH1_ ETR/ PA15 /SPI1_NSS B9 B11 - B7 51 78 PC10 I/O FT PC10 USART3_TX B8 C10 - B6 52 79 PC11 I/O FT PC11 USART3_RX C8 B10 - C5 53 80 PC12 I/O FT PC12 USART3_CK - C9 - C1 - 81 2 PD0 I/O FT PD0 CANRX - B9 - D1 - 82 3 PD1 I/O FT PD1 CANTX B7 C8 B5 54 83 - PD2 I/O FT PD2 TIM3_ETR C7 B8 - - - 84 - PD3 I/O FT PD3 USART2_CTS D7 B7 - - - 85 - PD4 I/O FT PD4 USART2_RTS B6 A6 - - - 86 - PD5 I/O FT PD5 USART2_TX C6 B6 - - - 87 - PD6 I/O FT PD6 USART2_RX D6 A5 - - - 88 - PD7 I/O FT PD7 USART2_CK Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |