| データシートサーチシステム |
|
STM32L152C8 データシート(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152C8 データシート(HTML) 93 Page - STMicroelectronics |
|
93 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 93/121 Figure 25. ADC accuracy characteristics Figure 26. Typical connection diagram using the ADC 1. Refer to Table 56: RAIN max for fADC = 16 MHz for the value of RAIN and Table 54: ADC characteristics for the value of CADC 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. EO EG 1LSBIDEAL (1) Example of an actual transfer curve (2) The ideal transfer curve (3) End point correlation line ET=Total Unadjusted Error: maximum deviation between the actual and the ideal transfer curves. EO=Offset Error: deviation between the first actual transition and the first ideal one. EG=Gain Error: deviation between the last ideal transition and the last actual one. ED=Differential Linearity Error: maximum deviation between actual steps and the ideal one. EL=Integral Linearity Error: maximum deviation between any actual transition and the end point correlation line. 4095 4094 4093 5 4 3 2 1 0 7 6 1 2 3 456 7 4093 4094 4095 4096 (1) (2) ET ED EL (3) VDDA VSSA ai14395b VREF+ 4096 (or depending on package)] VDDA 4096 [1LSBIDEAL = ai17856c STM32L15xxx VDD AINx IL± 50 nA 0.6 V VT RAIN(1) C parasitic VAIN 0.6 V VT 12-bit converter CADC(1) Sample and hold ADC converter |