| データシートサーチシステム |
|
M93C56M93C56-R データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C56M93C56-R データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 33 page ![]() DocID4997 Rev 13 21/33 M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx DC and AC parameters Figure 8. AC testing input output waveforms Table 13. Capacitance Symbol Parameter Test condition(1) 1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 1 MHz. Min Max Unit COUT Output capacitance VOUT = 0V 5 pF CIN Input capacitance VIN = 0V 5 pF Table 14. DC characteristics (M93Cx6, device grade 6) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current 0V ≤ VIN ≤ VCC ±2.5 µA ILO Output leakage current 0V ≤ VOUT ≤ VCC, Q in Hi-Z ±2.5 µA ICC Supply current VCC = 5 V, S = VIH, f = 2 MHz, Q = open 2 mA ICC1 Supply current (Standby) VCC = 5 V, S = VSS, C = VSS, ORG = VSS or VCC, pin7 = VCC, VSS or Hi-Z 15 µA VIL(1) 1. Please note that the input and output levels defined in this table are compatible with TTL logic levels and are NOT fully compatible with CMOS levels (as defined in Table 15). Input low voltage VCC = 5 V ± 10% –0.45 0.8 V VIH(1) Input high voltage VCC = 5 V ± 10% 2 VCC + 1 V VOL(1) Output low voltage VCC = 5 V, IOL = 2.1 mA 0.4 V VOH(1) Output high voltage VCC = 5 V, IOH = –400 µA 0.8VCC V MS19788V2 2.4V 0.4V 2.0V 0.8V 2V 1V Input 0.8VCC 0.2VCC 0.7VCC 0.3VCC M93CXX Output Input voltage levels Input and output timing reference levels Input voltage levels M93CXX-W and M93CXX-R Input and output timing reference levels |