データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP7N95K3 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STP7N95K3
部品情報  N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7N95K3 データシート(HTML) 5 Page - STMicroelectronics

  STP7N95K3 Datasheet HTML 1Page - STMicroelectronics STP7N95K3 Datasheet HTML 2Page - STMicroelectronics STP7N95K3 Datasheet HTML 3Page - STMicroelectronics STP7N95K3 Datasheet HTML 4Page - STMicroelectronics STP7N95K3 Datasheet HTML 5Page - STMicroelectronics STP7N95K3 Datasheet HTML 6Page - STMicroelectronics STP7N95K3 Datasheet HTML 7Page - STMicroelectronics STP7N95K3 Datasheet HTML 8Page - STMicroelectronics STP7N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STF7N95K3, STP7N95K3, STW7N95K3
Electrical characteristics
5/15
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min. Typ.
Max Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 475 V, ID = 3.6 A,
RG = 4.7 Ω, VGS = 10 V
(see
Figure 19)
14
9
36
23
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
7.2
28.8
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 7.2 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 7.2 A, di/dt = 100A/µs
VDD = 60 V (see Figure 24)
450
6
28
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 7.2 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see
Figure 24)
550
8
28
ns
µC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components
Gate-source breakdown
voltage
Igs=± 1mA (open drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15