データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3243ECTR-E データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST3243ECTR-E
部品情報  (,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243ECTR-E データシート(HTML) 13 Page - STMicroelectronics

Back Button ST3243ECTR-E Datasheet HTML 8Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 9Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 10Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 11Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 12Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 13Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 14Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 15Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ST3243EB, ST3243EC
Package mechanical data
Doc ID 8648 Rev 12
13/16
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c0.09
0.20
0.004
0.0079
D
9.6
9.7
9.8
0.378
0.3820.386
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0°
8°0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP28 mechanical data
0128292B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16