| データシートサーチシステム |
|
MP45DT02TR データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP45DT02TR データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() MP45DT02 Functionality Doc ID 018658 Rev 5 11/16 5 Functionality 5.1 L/R channel selection The L/R digital pad lets the user select the DOUT signal pattern as explained in Table 8. The L/R pin must be connected to Vdd or GND. Table 8. L/R channel selection L/R CLK low CLK high GND Data valid High impedence Vdd High impedence Data valid |